PART |
Description |
Maker |
KS88P2148 KS88C2148 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
Samsung semiconductor
|
KS88C2064 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
Samsung semiconductor
|
UPD78042F UPD78042FGF-XXX-3B9 UPD78043F UPD78043FG |
8-bit microcomputer 78K/0 series incorporating FIP 8-bit microcomputer 78K/0 series incorporating VFD 8-bit single-chip microcomputer with on-chip VFD driver 78K/0 series 8-bit microcomputer with on-chip FIP driver 78K/0 series 100 pin VFD mask ROM 8-bit single-chip microcomputer with on-chip VFD controller/driver 78K/0 series
|
NEC
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M37531M4T-XXXFP M37531M4T-XXXGP M37531M4T-XXXSP M3 |
Single Chip 8-Bit CMOS Microcomputer 7531/32/36 Series Microcontrollers: SLIM 740 (Low Cost MCU) Including USB Version SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation
|
MAX1156-MAX1174 MAX1174ACUP MAX1174AEUP MAX1174BCU |
14-Bit 135ksps Single-Supply ADCs with Bipolar Analog Input Range 14-Bit / 135ksps / Single-Supply ADCs with Bipolar Analog Input Range "14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range" 1300/8000 Series Lucent STII Fiber Die 14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 14-Bit.135ksps.Single-Supply ADCs with Bipolar Analog Input Range
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
UPD17015 UPD17015GS UPD17015GS-XXX-GJG UPD17015GS- |
17K series 4-bit microcomputer for portable radio 4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
|
NEC[NEC]
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|